this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0039310207 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit jr.? header, dual row, vertical, without snap-in plastic peg pcb lock, 20 circuits, pa polyamide nylon 6/6 94v-2, 0.76m (30") gold (au) selective plating, with drain holes documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 5566 application wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit plus hcs? crimp terminal crimpted to to 16 awg wire. . see molex product specification ps-45750-001 for additional current de-rating information.. high temperature, square pin, solder type overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (loaded) 20 circuits (maximum) 20 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5566 series mates with 5557 mini-fit jr.? receptacle housing
pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v material info old part number 5566-20bgs reference - drawing numbers sales drawing sd-5566-002 this document was generated on 05/21/2010 please check www.molex.com for latest part information
|